PART |
Description |
Maker |
WM2630 WM2630IDT WM2630CDT |
OCTAL 12-BIT VOLTAGE OUTPUT DAC WITH INTERNAL REFERENCE Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
|
WOLFSON[Wolfson Microelectronics plc]
|
AD7228A AD7228ABN AD7228ABP AD7228ABQ AD7228ABR AD |
-0.3, 17V; 1000mW; LG2MOS octal 8-bit DAC LC2MOS Octal 8-Bit DAC
|
AD[Analog Devices]
|
LTC1665 LTC1660 LTC1660C LTC1660CGN LTC1660CN LTC1 |
Micropower Octal 8-Bit and 10-Bit DACs OCTAL, SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO16 Micropower Octal 8-Bit and 10-Bit DACs 微八进制8位和10位DAC
|
Linear Technology Corporation Linear Technology, Corp. LINER[Linear Technology]
|
AD7841ASZ-REEL AD7841BSZ-REEL EVAL-AD7841EBZ AD784 |
Octal 14-Bit, Parallel Input, Voltage-Output DAC
|
Analog Devices
|
AD7841 AD7841AS AD7841BS |
Octal 14-Bit/ Parallel Input/ Voltage-Output DAC Octal 14-Bit, Parallel Input, Voltage-Output DAC
|
AD[Analog Devices]
|
WM2608 WM2608IDT WM2608CDT |
Octal 10-bit/ Serial Input/ Voltage Output DAC with Power Down OCTAL 10-BIT, SERIAL INPUT, VOLTAGE OUTPUT DAC WITH POWER DOWN
|
WOLFSON[Wolfson Microelectronics plc]
|
WM5628 WM5628LIN WM5628CDW WM5628CN WM5628IDW WM56 |
3 & 5V OCTAL 8-BIT VOLTAGE OUTPUT DAC WITH SERIAL INTERFACE From old datasheet system
|
WOLFSON[Wolfson Microelectronics plc]
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
AD5541AR-REEL7 AD5541CRZ-REEL7 AD5541ARZ-REEL7 AD5 |
16-Bit Voltage-Output DAC in SO-8 Package SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7548 AD7548AQ AD7548BQ AD7548JN AD7548JP AD7548J |
LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC PARALLEL, WORD INPUT LOADING, 1.5 us SETTLING TIME, 8-BIT DAC, PDIP20 12-Bit, Multiplying, I<SUB>OUT</SUB> DAC, 8-Bit Bus
|
Analog Devices, Inc.
|